Part Number Hot Search : 
AG603 1N823 YELLOW LT343 SIHFD220 PCJ1084F DS3612 AD7912
Product Description
Full Text Search
 

To Download NX5032GA-FREQ1-STD-CSK-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency range (mhz) equivalent series resistance max. [] 8 to 9.5 9.5 to 15 15 to 55 300 100 50 8 to 55 mhz 12 to 55 mhz nx5032ga / nx5032gb for oa / av cu35_090413_nx5032ga_e mm 2.4 h 5.0 0.2 1.3 nx5032ga : h=1.30.2 nx5032gb : h=1.00.2 2.0 3.2 0.2 6.0 2.0 crystal units *1 equivalent series resistance n features n specifications example nx5032ga-27.000m-std-csk-4 when ordering our products, specify them with an ordering code that consists of the following : -- m if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales represe ntatives or visit our homepage (http://www.ndk.com/). model name frequency (max : 9 digits) number for specifying an order n how to specify an order n dimensions reference land pattern internal connections (top view) a small surface-mount type crystal unit, suitable for oa (office automation) and av (audiovisual) applications. compatible with low frequencies starting from 8 mhz. (nx5032ga : 5.0 3.2 1.3 mm typ.) excellent electrical performance, ideal for oa and av applications. meets the requirements for re-flow profiling using lead-free solder. nx5032ga supports low frequencies starting from 8 mhz. nx5032gb supports low height mounting (product height: 1.0 mm typ.). l l l l frequency range overtone order frequency tolerance (25 3 ) temperature characteristics (with reference to +25 c) operating temperature range storage temperature range equivalent series resistance drive level load capacitance item model the above specifications are standard for this ndk product. custom-made specifications such as load capacitance and temperature characteristics are also available. please contact ndk sales with your enquiries. nx5032ga nx5032gb fundamental 20 10 ?6 30 10 ?6 ?10 to +70 ?40 to +85 refer to *1 50 w (max. 500 w) 8 pf


▲Up To Search▲   

 
Price & Availability of NX5032GA-FREQ1-STD-CSK-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X